PART |
Description |
Maker |
NTE1005 |
FM, AUDIO DEMODULATOR, PDIP14 Integrated Circuit FM Stereo Demodulator
|
NTE[NTE Electronics]
|
CX24123 |
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
|
http:// Conexant Systems, Inc
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|
M68707L 68707L |
215-230MHz, 9.6V, 7W, FM PORTABLE RADIO From old datasheet system 215-230MHZ, 9.6V, 7W, FM PORTABLE RADIO
|
Mitsubishi Electric Semiconductor
|
XR-2211P XR2211 XR-2211 |
FSK Demodulator/ Tone Decoder From old datasheet system ASK/FSK DEMODULATOR,BIPOLAR,DIP,14PIN,PLASTIC
|
EXAR[Exar Corporation]
|
TDA9801N |
Single standard VIF-PLL demodulator and FM-PLL detector FM, AUDIO/VIDEO DEMODULATOR, PDIP20
|
NXP Semiconductors N.V.
|
HEDS5145A04 HEDS5145A02 HEDS5145A01 HEDS5145A06 HE |
LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -400°C to 85°C LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: 0°C to 70°C LTC6412 - 800MHz, 31dB Range An alog-Controlled VGA; Package: 24-Lead (4mm × 4mm) Plastic QFN; Temperature Range: 40°C to 85°C LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C 光电 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C 光电
|
Infineon Technologies AG Electronic Theatre Controls, Inc.
|
ZIF600 |
Pager synthesizer and 4 FSK demodulator Pager Synthesiser and 4FSK Demodulator
|
Zarlink Semiconductor Inc.
|
CPCI200D-1 CPCI200D-2 CPCI200D-3 CPCI200D-4 CPCI20 |
180/225 wATT, 3U x 4HP CompactPCI 180/225 wATT/ 3U x 4HP CompactPCI 180/225 wATT, 3U x 4HP CompactPCI 二百二十五分之一百八十零瓦,3U的x 4HPCompactPCI 180/225 wATT, 3U x 4HP CompactPCI 二百二十五分之一百八十零瓦,3U的x 4HP的CompactPCI
|
C&D Technologies
|
BZX84C2V4LT1 SOT-23 BZX84C2V4LT1THRUBZX84C75LT1 BZ |
Zener Voltage Regulator Didoes CONTACT ELEC CONNECTOR RECEPTACLE,CONN 6POS STRT 225 mW SOT-23 Zener Voltage Regulator Diodes 24 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 225毫瓦的SOT - 23封装稳压稳压二极
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MC1496F MC1496 MC1596 MC1596N MC1596F MC1496N |
30V; 10mA; balanced modulator/demodulator. For suppresed carrier and amplitude modulation, synchronous detection, FM detection, phase detection, sampling, single sideband, frequency doubling BALANCED MUDULATOR/DEMODULATOR
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
TA1267F EE08000 |
From old datasheet system MULTISTANDARD FIF / SIF SYNCHRONOUS DEMODULATOR IC BIPOLAR LINEAR INTEGRATED CIRCUIT(MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC)
|
TOSHIBA[Toshiba Semiconductor]
|